Part Number Hot Search : 
2N4401 2SK152 SRA8100 VCH24 74HC377 NCV7703B D2092 7912CT
Product Description
Full Text Search
 

To Download NT731JTTD103K3200H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NT73
negative tempco thermistor
EU
features Anti-leaching nickel barrier terminations Twelve standard resistance values Suitable for reflow and wave soldering Marking: 1J no marking on pink body, 2A and 2B black three digit on pink body color * Products with lead-free terminations meet EU RoHS requirements. Pb located in glass material, electrode and resistor element is exempt per Annex 1, exemption 5 of EU directive 2005/95/EC * * * *
circuit protection
dimensions and construction
c L c Type
(Inch Size Code)
L
Dimensions inches (mm) W c d
t .02.004 (0.50.1)
+.008 -.004 (0.5 +0.2 ) -0.1
W Solder Plating t d Protective Coating Resistive Inner Film Electrode Ni Plating
1J (0603) 2A (0805) 2B (1206)
.063.008 .031.004 .012.004 .012.004 (1.60.2) (0.80.1) (0.30.1) (0.30.1) .079.008 .049.004 .016.008 (2.00.2) (1.250.1) (0.40.2) .126.008 .063.008 (3.20.2) (1.60.2) .02.008 (0.50.3) .012 (0.3 .016 (0.4
+.008 -.004 +0.2 ) -0.1 +.008 -.004 +0.2 ) -0.1
.02
.024.004 (0.60.1)
Ceramic Substrate
ordering information
New Part # NT73 Type 2A Size Code 1J: 0603 2A: 0805 2B: 1206 T Termination Material T: Sn (Other termination styles may be available, please contact factory for options) TD Packaging TD: 7" paper tape (5,000 pieces/reel) 103 Nominal Resistance 2 significant figures + 1 multiplier K Resistance Tolerance J: 5% K: 10% L: 15% 3800 B Constant Nominal 3200 3500 3700 3800 3950 4100 J B Constant Tolerance H: 3% J: 5% K: 10%
applications and ratings
Part Designation Resistance @ 25C
6.8k 10k 15k 10k 20k 22k 30k 33k 47k 68k 100k 47k
Resistance Tolerance
B Constant @ 25C/75C
3500K 3800K 3700K
B Constant Tolerance
10%
Power Rating (mW)
Operating Temperature Range
5%
3%
NT731J
J: 5% K: 10%
5
3800K
5%
3%
-55C to +125C
4100K
For further information on packaging, please refer to Appendix A.
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use. 12/31/08
154
KOA Speer Electronics, Inc. * 199 Bolivar Drive * Bradford, PA 16701 * USA * 814-362-5536 * Fax: 814-362-8883 * www.koaspeer.com
NT73
negative tempco thermistor applications and ratings (continued)
Part Designation Resistance @ 25C
1k 2k 2.2k 2.4k 3.3k 4.7k 5k 6.8k 10k 15k 10k 20k 22k 30k 33k 47k 68k 100k 150k 50k 10k 15k 20k 22k 30k 33k 47k 68k 100k 150k 1k 2.2k 3.3k 4.7k 6.8k 10k 22k 33k 47k 68k 100k
Resistance Tolerance K: 10% L: 15% J: 5%; K: 10% L: 15%
K:10%; L: 15%
B Constant @ 25C/75C
3200K
B Constant Tolerance
Power Rating (mW)
Operating Temperature Range
circuit protection
10%
3500K
5%
3800K 3500K 10%
NT732A
3800K
5%
5 -55C to +125C
J: 5% K: 10% L: 15%
3950K
4100K
3%
3200K
K: 10% L: 15% J: 5% K: 10% L: 15%
3500K
10% 5
NT732B
3800K
5%
environmental applications Temperature Characteristics
10,000,000 1,000,000 Resistance () 100,000 10,000 1,000 100 10 -50 -25 0 50 75 25 Temperature (C) 100
100k 10k
3800k
RT/R25 Ratio vs. B Constant
Resistance 1k 5k 10k 100k 10k
Resistance 1k
5k 10k 100k 10k
B Constant 3200K 3500K 3700K 3800K 4100K B Constant 3200K 3500K 3700K 3800K 4100K k k k k k k k k Temp. (C) Temp. (C)
-55 -50 -45 -40 -35 -30 -25 -20 -15 -10 -5 0 5 10 15 20 25 30 35 38770 28840 21706 16517 12698 9857.0 7721.2 6100.5 4858.7 3899.0 3151.3 2564.2 2099.9 1730.0 1433.5 1194.2 1000.0 841.48 711.39 273.24 197.67 144.85 107.43 80.577 61.077 46.759 36.137 28.173 22.147 17.546 14.004 11.256 9.1063 7.4135 6.0712 5.0000 4.1398 3.4451 638.23 465.81 343.25 255.22 191.37 144.64 110.13 83.710 64.190 49.640 38.680 30.370 23.970 19.070 15.270 12.320 10.000 8.1700 6.7100 7692.5 5414.6 3864.5 2794.3 2045.2 1514.1 1133.0 856.49 653.63 503.31 390.86 305.97 241.34 191.73 153.36 123.46 100.00 81.470 66.739 1203.1 820.76 568.09 398.57 283.20 203.64 148.07 108.37 80.182 59.943 45.252 34.478 26.473 20.506 16.016 12.608 10.000 7.9880 6.4242 40 45 50 55 60 65 70 75 80 85 90 95 100 105 110 115 120 125 604.07 515.10 441.00 379.00 326.90 282.95 245.72 214.08 187.08 163.96 144.11 127.00 112.21 99.377 88.224 78.501 70.004 62.558 2.8809 2.4202 2.0421 1.7302 1.4718 1.2568 1.0771 0.92637 0.79937 0.69199 0.60087 0.52329 0.45701 0.40016 0.35129 0.30915 0.27272 0.24114 5.5500 4.6100 3.8500 3.2300 2.7200 2.3100 1.9700 1.6800 1.4500 1.2500 1.0800 0.94000 0.82000 0.72000 0.63000 0.56000 0.49000 0.44000 54.959 45.484 37.823 31.594 26.506 22.330 18.886 16.035 13.663 11.682 10.022 8.6257 7.4466 6.4466 5.5968 4.8721 4.2523 3.7207 5.1999 4.2349 3.4692 2.8585 2.3682 1.9721 1.6504 1.3877 1.1724 0.99491 0.84926 0.72802 0.62662 0.54156 0.46982 0.40906 0.35741 0.31332
1k
3800k 3200k
125
Performance Characteristics
Parameter Resistance B Constant Resistance to Solder Heat Rapid Change of Temperature Moisture Resistance Load Life High Temperature Exposure High Temperature Exposure
Requirement R Limit Typical -- --
Note: RT/R25 ratio is the resistance at temperature (T) divided by the nominal resistance at 25C. The RT/R25 ratio value is multiplied by the thermistor's nominal 25C value to determine the nominal resistance value at a given temperature in the chart above.
Test Method 25C +25C/+75C 260C 5C, 10 seconds 1 second -55C (30 minutes),+125C (30 minutes), 50 cycles 40C 2C, 90 - 95% RH, 1000 hours 80C 3C, DC5mW, 1000 hours 80C, 1000 hours 125C, 1000 hours
1/06/08
Within specified tolerance Within specified tolerance 1%, 2%:1k 3.0% 3.0% 3.0% 3.0% --
0.5%, 1%:1k 1.3% 1.1% 2.5% 1.6% 7 (Reference)
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
KOA Speer Electronics, Inc. * 199 Bolivar Drive * Bradford, PA 16701 * USA * 814-362-5536 * Fax: 814-362-8883 * www.koaspeer.com
155


▲Up To Search▲   

 
Price & Availability of NT731JTTD103K3200H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X